Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE51RC Datasheet(PDF) 80 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 80 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 84Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 165 page
background image
The External Interrupts INT0, INT1 , INT2 and INT3 can each be either level-activated or transition-activated,
depending on bits IT0 and IT1 in Register TCON, IT2 and IT3 in SFR XICON. The flags that actually generate
these interrupts are bits IE0 and IE1 in TCON, IE2 and IE3 in XICON. When an external interrupt is generated,
the flag that generated it is cleared by the hardware when the service routine is vectored to if and only if the
interrupt was transition –activated, otherwise the external requesting source is what controls the request flag,
rather than the on-chip hardware.
The Timer 0 and Timer1 Interrupts are generated by TF0 and TF1, which are set by a rollover in their respective
Timer/Counter registers in most cases. When a timer interrupt is generated, the flag that generated it is cleared by
the on-chip hardware when the service routine is vectored to.
The Serial Port Interrupt is generated by the logical OR of RI and TI. Neither of these flags is cleared by
hardware when the service routine is vectored to. In fact, the service routine will normally have to determine
whether it was RI and TI that generated the interrupt, and the bit will have to be cleared by software.
The Timer 2 Interrupt is generates by the logical OR of TF2 and EXF2. Just the same as serial port, neither of
these flags is cleared by hardware when the service routine is vectored to.
All of the bits that generate interrupts can be set or cleared by software, with the same result as though it had
been set or cleared by hardware. In other words, interrupts can be generated or pending interrupts can be canceled
in software.
6.2 Interrupt Register
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
IE
Interrupt Enable
A8H
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0000 0000B
IP
Interrupt Priority Low
B8H
-
-
PT2
PS
PT1
PX1
PT0
PX0
xx00 0000B
IPH
Interrupt Priority
High
B7H
PX3H
PX2H
PT2H
PSH PT1H PX1H PT0H
PX0H 0000,0000B
TCON
Timer/Counter 0 and
1 Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000 0000B
SCON
Serial Control
98H
SM0/FE SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000B
T2CON
Timer/Counter 2
Control
C8H
TF2 EXF2 RCLK TCLK EXEN2
TR2
C/T2 CP/RL2
0000 0000B
XICON
Auxiliary Interupt
Control
C0H
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT1
0000 0000B
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com