Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE51RC Datasheet(PDF) 83 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 83 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 85Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 86Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 87Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 165 page
background image
T2CON: Timer/Counter 2 Control register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
TF2 : Timer 2 overflow flag. TF2 is set by a Timer 2 overflow happens and must be cleared by software. TF2
will not be set when either RCLK=1 or TCLK=1.
EXF2 : Timer 2 external flag. Timer 2 external flag set when either a capture or reload is caused by a negative
transition on T2EX(P1.1) pin and EXEN2=1. When Timer 2 interrupt is enabled, EXF2=1 will cause the
CPU to vector the Timer 2 interrupt routine. EXF2 must be cleared by software.EXF2 does not cause an
interrupt in up/down mode(DCEN=1).
RCLK : Receive clock flag. When set, cause the serial port to use Timer 2 overflow pulses for its receive clock in
modes 1 and 3. When cleared, cause Timer 1 overflow to be used for the receive clock.
TCLK : Transmit clock flag.When set, cause the serial port to use Timer 2 overflow pulses for its transmit clock
in modes 1 and 3. When cleared, cause Timer 1 overflows to be used for the transmit clock.
EXEN2 : Timer 2 external enable flag. When set, allows a capture or reload to occur as a result of a negative
transition on T2EX(P1.1) pin if Timer 2 is not being used to clock the serial port. When cleared, cause
Timer 2 to ignore events at T2EX(P1.1) pin.
TR2 : Timer 2 Run control bit.When set, start the Timer 2. When cleared, stop the Timer 2.
C/T2: Timer or counter selector.
0: Select Timer 2 as internal timer function.
1: Select Timer 2 as external event counter (falling edge triggered).
CP/RL2: Capture/Reload flag.
0 : Auto-reloads will occur either with Timer 2 overflows or negative transitions at T2EX pin when EXEN2=1.
1 : Captures will occur on negative transitions at T2EX pin if EXEN2=1.
XICON: Auxiliary Interrupt Control register
LSB
bit
B7B6B5B4B3B2B1B0
name
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2
PX3 : If set, Set priority for external interrupt 3 higher
EX3 : If set, Enables external interrupt 3.
IE3 : External Interrupt 3 Edge flag. Sets by hardware when external interrupt edge detected.Cleared by hardware
when interrupt is starting to be serviced.
IT3 : External Interrupt 3 type control bit. Set/Cleared by software to specified falling edge/low level triggered
interrupt.
PX2 : If set, Set priority for external interrupt 3 higher
EX2 : If set, enables external interrupt 2.
IE2 : External Interrupt 2 Edge flag. Sets by hardware when external interrupt edge detected. Cleared when
interrupt is starting to be serviced.
IT2 : Interrupt 2 types control bit. Set/Cleared by software to specify falling edge/low level triggered interrupt.
IP (or XICON) and IPH are combined to form 4-level priority interrupt as the following table.
{IPH.x, IP.x/XICON.x} Priority Level
1,1
0(highest)
1,0
1
0,1
2
0,0
3
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com