Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD780 Datasheet(PDF) 16 Page - NEC

Part # PD780
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780 Datasheet(HTML) 16 Page - NEC

Back Button PD780 Datasheet HTML 12Page - NEC PD780 Datasheet HTML 13Page - NEC PD780 Datasheet HTML 14Page - NEC PD780 Datasheet HTML 15Page - NEC PD780 Datasheet HTML 16Page - NEC PD780 Datasheet HTML 17Page - NEC PD780 Datasheet HTML 18Page - NEC PD780 Datasheet HTML 19Page - NEC PD780 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
.j>.
�
OJ
Instruction Set (cont)
Mnemonic
JP cc, nn
JP nn
JR C, e
JR e
JR NC, e
JR NZ, e
JR Z, e
LD A, (BC)
LD A, (DE)
LD A, I
LD A, (nn)
LD A, R
LD (BC), A
LD (DE), A
LD (HL), n
LD
55, nn
LD HL, (nn)
LD (H L), r
LD I, A
Operation
If cc true PC - nn else continue
PC - nn
If C =0 continue
If C =1 PC - PC
+ e
PC - PC
+ e
If C =1 continue
If C =0 PC - PC + e
If Z 1 continue
if Z =0 continue
A - (BC)
A - (DE)
A -I
A - (nn)
A-R
(BC) - A
(DE) - A
(HL) - n
55
- nn
H - (nn +1)
(HL) - r
I-A
Description
Jump to location nn if continue cc
Unconditional jump to location nn
Jump relative to PC + e, if carry =1
Unconditional jump relative to PC + e
Jump relative to PC
+ e if carry
=
0
Jump relative to PC + e if non-zero
(Z =0)
Jump relative to PC
+ e if zero
(Z =1)
Load ACC with location (BC)
Load ACC with location (DE)
Load ACC with I
Load ACC with location nn
Load ACC with Reg. R
Load location (BC) with ACC
Load location (DE) with ACC
Load location (HL) with value n
Load Reg. pair
55 with value nn
Load HL with location (nn)
Load location (HL) with Reg. r
Load I with ACC
Operation Code
7 6 5 _ 3 2 1 0
- cc
o
o
(H)
n n n n n n n n
n n n n n n n n
o
000
nnnnnnnn
nnnnnnnn
00111000
- e-2-
000 1 10 a0
- e-2-
001 10000
- e-2-
00100000
- e-2-
00 101000
- e-2-
o
000
o
a
o
00
o
10
1
1
01
o
0 10
o
0
o
o
1
o
nnnnnnnn
nnn nnnnn
1
o
10
o
1
o
1
000000
o
o
00
o
0
o
o
0
o
o
nnnnnnnn
o
0 s s000 1 (AI
nnnnnnnn
n n n n n n n n
o
0
n n
n n
o
1
o
o
o
o
n n n n n n
n n n n n n
Or
r r
(B)
1
01
0
000
1
No. of
No. of
Flags
ClockS
Bytes
C
Z
P/V
S
N
H
10
3
•• • • • •
10
3
7
if condition
2
met,
12
if not
12
2
7
2
7
2
7
2
7
7
9
2
13
3
9
2
7
7
1
0
2
20
4
16
3
7
9
2
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
•
IFF
o
o
• • • • • •
•
IFF
o
0
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
'l:
"
C
....
C»
o
�(l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com