Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD780 Datasheet(PDF) 7 Page - NEC

Part # PD780
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780 Datasheet(HTML) 7 Page - NEC

Back Button PD780 Datasheet HTML 3Page - NEC PD780 Datasheet HTML 4Page - NEC PD780 Datasheet HTML 5Page - NEC PD780 Datasheet HTML 6Page - NEC PD780 Datasheet HTML 7Page - NEC PD780 Datasheet HTML 8Page - NEC PD780 Datasheet HTML 9Page - NEC PD780 Datasheet HTML 10Page - NEC PD780 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
fttfEC
AC Characteristics (cont)
TA =
DOC to +70°C; Vcc
=
+ 5 V ± 5%; unless otherwise specified
�PD7'O (2.5 MHzI
Parameter
Symbol
Min
Max
RFSH delay from rising edge of clock to RFSH low
tOL(RF)
180
RFSH delay from rising edge of clock to RFSH high
tOH(RF)
150
WAIT setup time to falling edge of clock
tS(wr)
70
WR delay from rising edge of clock to WR low
t OL.,(WR)
80
WR delay from falling edge of clock WR low
tOl+(WR)
90
WR delay from falling edge of clock to WR high
100
Pulse width to
WR low
tW(WRL)
(13)
Notes:
(1 ) tc = tw(tH) + tw(,L) + tR
+ tF
(2) Though the structure of the 780 is static, 2OO�s is guaranteed maximum.
(3) tACM = t
w(tH) + tF
-
65 (75)' (50)"
(4) tACI = te - 70 (80)" (55)"
(5) ICA = tw(,L)
+ tR
-
50 (40)* (501'*
(6) ICAF = twitL)
+ tR
-
45
(60)' (40)"'
(7) tOCM = tc - 170 (210)' (140)*'
(8) tOCI
=
tw{,L)
+ tR
-
170 (210)' (140)"
(9) tCOF
=
tw
ltL) + tR
-
70 (80)* (55)*'
(10) tMR
=
2tc
+ 'witH) + tF
-
65 (80)' (50)"
(11) tw(MRL)
=
tc - 30 (40)' (30)*'
(12) Iw(MRH)
=
twitH) + IF
-
20 (30)' (20)"
(13) tw(WR)
=
tc - 30 (40)* (30)*'
, These values apply to the flPD780.
" These values apply to the flPD780-2.
Load Circuit for Output
FromOutput
"..,,-, .. 10K 2.2K
83-OOO884A
�PD780
Umlls
�PD71O·1(4 MHzl
�PD78.2 (6 MHz)
Test
Min
Max
Min
Max
Unit
Conditions
130
110
ns
CL
:
30
pF
120
100
ns
70
60
ns
65
60
ns
80
70
ns
80
70
ns
(13 )
(13 )
ns
4-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com