Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD780 Datasheet(PDF) 1 Page - NEC

Part # PD780
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780 Datasheet(HTML) 1 Page - NEC

  PD780 Datasheet HTML 1Page - NEC PD780 Datasheet HTML 2Page - NEC PD780 Datasheet HTML 3Page - NEC PD780 Datasheet HTML 4Page - NEC PD780 Datasheet HTML 5Page - NEC PD780 Datasheet HTML 6Page - NEC PD780 Datasheet HTML 7Page - NEC PD780 Datasheet HTML 8Page - NEC PD780 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
NEe
NEC Electronics Inc.
Description
The /JPD780 IS a microprocessor that utilizes a highly
consistent architectural organization, a comprehen­
sive instruction set that is a superset of the industry­
standard 8080A instruction set, and third-generation
technology, to provide a flexible, high-performance, ef­
ficient CPU easily adaptable to a very broad range of
industrial and commercial applications.
All software developed on 8080A-based systems may
be run on 780-based systems as a subset of the full
780 instruction set. In addition, the NEC /JPD780 is ful­
ly pin-compatible and software-compatible with the
Z80® microprocessor and is therefore perfectly suited
for CP/M@ designs. The NEC /JPD780 provides system
deSigners with powerful, wide-range logic capability
that requires minimal additional circuitry to complete
a microcomputer system.
The output signals of the /JPD780 are fully decoded
and signal timing is fully compatible with industry­
standard memory and peripheral devices. Two faster
versions of the basic �PD780 (2.5 MHz master clock
rate) are offered by the /JPD780-1 (4 MHz master clock
rate) and the /JPD780-2 (6 MHz master clock rate).
Other than clock rates, all three versions are identical.
Features
D Powerful, wide-range logic capability requiring
minimal support circuitry
D Fully Z80® -compatible
D Industry-standard 8080A software compatibility
D CP/M@ -compatible
D Comprehensive, powerful instruction set featuring
158 instruction types
D Vectored, multilevel interrupt structure
D Highly consistent architectural structure featuring
dual register set
D Foreground/background programming
D Automatic refreshing of external dynamic memory
D Signal timing compatible with industry-standard
memory and peripheral devices
D TTL-compatible signals
D Single-phase +5 V clock and +5 V DC power
supply
®
ZBO is a registered trademark of Zilog, Inc.
•
CP/M is a registered trademark of Digital Research Corporation.
IJPD780
HIGH·PERFORMANCE
CP/M®·COMPATIBLE NMOS
8·BIT MICROPROCESSOR
Pin Configuration
A,O
A.
A13
As
A,.
A7
A,.
As
As
O.
A4
O.
A3
A.
A,
+5V
Ao
O.
RFSH
BUSAK
WR
iffi
83.()()()8nA
Ordering Information
Part
Max Frequency
Number
Package�
of Operation
I'P 078 0C
40 -pin plastic
01P
2.5 MHz
I'P 0780C -
l
40 -pin plasticDIP
4 MHz
I'PD
780C -2
40 -pin plastic
DIP
6 MHz
4-3


Similar Part No. - PD780

ManufacturerPart #DatasheetDescription
logo
NEC
PD780131 NEC-PD780131 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
PD780131A NEC-PD780131A Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
PD780131A1 NEC-PD780131A1 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
PD780131A2 NEC-PD780131A2 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
PD780132 NEC-PD780132 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
More results

Similar Description - PD780

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3880 NTE-NTE3880 Datasheet
37Kb / 5P
Integrated Circuit NMOS, 8-Bit Microprocessor (MPU), 4MHz
NTE6809 NTE-NTE6809 Datasheet
35Kb / 4P
Integrated Circuit NMOS, 8-Bit Microprocessor (MPU)
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Maxwell Technologies
7820 MAXWELL-7820 Datasheet
244Kb / 18P
Microprocessor-compatible 8-Bit ADC
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Siemens Semiconductor G...
SAE81C52 SIEMENS-SAE81C52 Datasheet
288Kb / 10P
256 x 8-Bit Static CMOS RAM NMOS-Compatible
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
January 22, 2009
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com