Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD780 Datasheet(PDF) 24 Page - NEC

Part # PD780
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780 Datasheet(HTML) 24 Page - NEC

Back Button PD780 Datasheet HTML 16Page - NEC PD780 Datasheet HTML 17Page - NEC PD780 Datasheet HTML 18Page - NEC PD780 Datasheet HTML 19Page - NEC PD780 Datasheet HTML 20Page - NEC PD780 Datasheet HTML 21Page - NEC PD780 Datasheet HTML 22Page - NEC PD780 Datasheet HTML 23Page - NEC PD780 Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
..,.
I
I\)
O'l
Instruction Set (cont)
Mnemonic
Operation
SRL (IV + d)
SUB r
A .... A
-
r
SUB n
A"" A
-
n
SUB (HL)
A"" A
-
(HL)
SUB (IX + d)
A"" A
-
(IX + d)
SUB (IV + d)
A"" A
-
(IV + d)
XOR r
A .... AV
r
XOR n
A .... AV
n
XOR (HL)
A .... AV
(HL)
XOR (IX + d)
A .... A V
(IX + d)
XOR (IY + d)
A"" AV
(IY + d)
Note:
(1) PIV
flag is a if B ; 0, else PIV ; 1
(2) Z; 1 if A ; (HL), else Z ; a
(3) If B ; 0, Z flag set, else reset
Description
Shift loc. (IV + d) right logical
Subtract Reg. r from ACC
Subtract value n from ACC
Subtract loc. (HL) from ACC
Subtract loc. (IX + d) from ACC
Subtract loc. (IV + d) from ACC
Exclusive 'OR' Reg. rand ACC
Exclusive 'OR' value n and ACC
Exclusive 'OR' loc. (HL) and ACC
Operation Code
7 6 5 4 3 2 1 0
11111
101
11 001 01
1
d d d d d d d d
001
11110
1
a a lOr r r (B)
a
a
a
n n n n n n n n
001
01 10
11
01
11 01
100 1
a 1 1 a
d d d d d d d d
1111
11 01
10 01
01 10
d d d d d d d d
a
a
r r r (B)
a
a
n n n n n n n n
o
a
a
No.
01 No. 01
Flags
Cloclls
Bytes
C
Z
P/V
5
N
H
23
4
P
a
a
4
V
7
2
v
7
v
19
3
v
19
3
v
4
P
7
2
P
7
P
Exclusive 'OR' loc. (IX + d) and ACC
11 01
1
101
10 101
110
d d d d d d d d
19
3
P
Exclusive 'OR' loc. (IY + d) and ACC
111111 01
10 10 1
110
d d d d d d d d
19
3
p
A
B
Reg 55
Reg r
Be 00 A lII
DE
01
B 000
HL 10 C OOl
SP 11 DOlO
E
011
H 100
L 101
C
Reg pp
BC 00
DE
01
IX
10
SP 11
o
Reg rr
BC
00
a
DE
01
IV
10
2
SP 11 3
4
5
6
7
E
F
G
H
BH b
Reg r, r'
Reg qq
CC
Condition
000
A
lII
001
B 000
010
C
OOl
011
DOlO
100
E 011
101
H 100
110
L 101
BC
00
000
DE
01
001
HL 10 010
AF
11
011
100
101
110
NZ Non zero
Z
Zero
NC Non carry
C
Carry
PO Parity odd
PE Parity even
P
Sign positive
Relevant Flag
Reg r
Z
B 000
Z
COOl
C
DOlO
C
E 011
PlY
H 100
PlY
L 101
S
F 110
111
111
M Sign negative
S
Al II
1::
,.
C
.....
CD
o
��



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com