Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT22 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DHT22
Description  Digital-output relative humidity & temperature sensor/module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT22 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DHT22 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Aosong Electronics Co.,Ltd
---------------------------------------------------------------------------------------------------------------------
Your specialist in innovating humidity & temperature sensors
1. Feature & Application:
* Full range temperature compensated
* Relative humidity and temperature measurement
* Calibrated digital signal
*Outstanding long-term stability *Extra components not needed
* Long transmission distance * Low power consumption
*4 pins packaged and fully interchangeable
2. Description:
DHT22 output calibrated digital signal. It utilizes exclusive digital-signal-collecting-technique and humidity
sensing technology, assuring its reliability and stability.Its sensing elements is connected with 8-bit single-chip
computer.
Every sensor of this model is temperature compensated and calibrated in accurate calibration chamber and the
calibration-coefficient is saved in type of programme in OTP memory, when the sensor is detecting, it will cite
coefficient from memory.
Small size & low consumption & long transmission distance(20m) enable DHT22 to be suited in all kinds of
harsh application occasions.
Single-row packaged with four pins, making the connection very convenient.
3. Technical Specification:
Model
DHT22
Power supply
3.3-6V DC
Output signal
digital signal via single-bus
Sensing element
Polymer capacitor
Operating range
humidity 0-100%RH;
temperature -40~80Celsius
Accuracy
humidity +-2%RH(Max +-5%RH); temperature <+-0.5Celsius
Resolution or sensitivity humidity 0.1%RH;
temperature 0.1Celsius
Repeatability
humidity +-1%RH;
temperature +-0.2Celsius
Humidity hysteresis
+-0.3%RH
Long-term Stability
+-0.5%RH/year
Sensing period
Average: 2s
Interchangeability
fully interchangeable
Dimensions
small size 14*18*5.5mm;
big size 22*28*5mm
4. Dimensions: (unit----mm)
1) Small size dimensions: (unit----mm)
Thomas Liu (Business Manager)
Email: thomasliu198518@yahoo.com.cn
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com