Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT22 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DHT22
Description  Digital-output relative humidity & temperature sensor/module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT22 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DHT22 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Aosong Electronics Co.,Ltd
---------------------------------------------------------------------------------------------------------------------
Your specialist in innovating humidity & temperature sensors
5. Electrical connection diagram:
3Pin---NC, AM2302 is another name for DHT22
6. Operating specifications:
(1) Power and Pins
Power's voltage should be 3.3-6V DC. When power is supplied to sensor, don't send any instruction to the sensor
within one second to pass unstable status. One capacitor valued 100nF can be added between VDD and GND for
wave filtering.
(2) Communication and signal
Single-bus data is used for communication between MCU and DHT22, it costs 5mS for single time
communication.
Data is comprised of integral and decimal part, the following is the formula for data.
DHT22 send out higher data bit firstly!
DATA=8 bit integral RH data+8 bit decimal RH data+8 bit integral T data+8 bit decimal T data+8 bit check-sum
If the data transmission is right, check-sum should be the last 8 bit of "8 bit integral RH data+8 bit decimal RH
data+8 bit integral T data+8 bit decimal T data".
When MCU send start signal, DHT22 change from low-power-consumption-mode to running-mode. When MCU
finishs sending the start signal, DHT22 will send response signal of 40-bit data that reflect the relative humidity
Thomas Liu (Business Manager)
Email: thomasliu198518@yahoo.com.cn
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com