Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT22 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DHT22
Description  Digital-output relative humidity & temperature sensor/module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT22 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DHT22 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Aosong Electronics Co.,Ltd
---------------------------------------------------------------------------------------------------------------------
Your specialist in innovating humidity & temperature sensors
-----------------------------------------------------------------------------------------------------------------------------------
Host computer send start signal
Sensor send out response signal
and keep this signal at least 1ms
and keep this signal 80us
Host pull up voltage
-and wait sensor's response
Sensor pull up bus's voltage
Signal from host
Start data transmission
Signal from sensor
Single-bus signal
------------------------------------------------------------------------------------------------------------------------------------
Step 2: DHT22 send response signal to MCU
When DHT22 detect the start signal, DHT22 will send out low-voltage-level signal and this signal last 80us as
response signal, then program of DHT22 transform data-bus's voltage level from low to high level and last 80us
for DHT22's preparation to send data.
Check bellow picture for step 2:
Thomas Liu (Business Manager)
Email: thomasliu198518@yahoo.com.cn
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com