Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT22 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DHT22
Description  Digital-output relative humidity & temperature sensor/module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT22 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DHT22 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Aosong Electronics Co.,Ltd
---------------------------------------------------------------------------------------------------------------------
Your specialist in innovating humidity & temperature sensors
and temperature information to MCU. Without start signal from MCU, DHT22 will not give response signal to
MCU. One start signal for one time's response data that reflect the relative humidity and temperature information
from DHT22. DHT22 will change to low-power-consumption-mode when data collecting finish if it don't receive
start signal from MCU again.
1) Check bellow picture for overall communication process:
------------------------------------------------------------------------------------------------------------------------------------
Host computer send out
start signal.
Data transmission finished,
Sensor send out
and RL pull up bus's voltage
response signal.
Output data: 1bit"0"
for next transmission
Pull up and wait
Host's signal
Sensor's signal
Output data: 1bit "1"
response from sensor
Sensor pull down
Pull up voltage and get
bus's voltage
ready for sensor's output.
Single-bus output
------------------------------------------------------------------------------------------------------------------------------------
2) Step 1: MCU send out start signal to DHT22
Data-bus's free status is high voltage level. When communication between MCU and DHT22 begin, program of
MCU will transform data-bus's voltage level from high to low level and this process must beyond at least 1ms to
ensure DHT22 could detect MCU's signal, then MCU will wait 20-40us for DHT22's response.
Check bellow picture for step 1:
Thomas Liu (Business Manager)
Email: thomasliu198518@yahoo.com.cn
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com