Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 60 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 60 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 62Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 64Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
60
10 Register
Note: hereinafter, "system reset" means that the Register will be reset when the PMIC power off, and "power on reset"
means that the Register will be reset when IPSOUT voltage drop below 2.1V .
Register List
Table 10-1
Address
Description
R/W
Default
00
Power source status
R
01
Power mode and Charger status
R
02
Power up/down reason register
RW
03
IC type number
R
51H
04-0F
12 Data buffers
RW
00H
10
Output power on-off control 1
RW
XXH
12
Output power on-off control 2
RW
08H
13
Output power on-off control 3
RW
9CH
14
On/Off synchronous control
RW
48H
15
DLDO1 voltage control
RW
16H
16
DLDO2 voltage control
RW
16H
17
DLDO3 voltage control
RW
16H
18
DLDO4 voltage control
RW
1AH
19
ELDO1 voltage control
RW
00H
1A
ELDO2 voltage control
RW
00H
1B
ELDO3 voltage control
RW
00H
1C
FLDO1 voltage control
RW
0BH
1D
FLDO2/3 voltage control
RW
0BH
20
BUCK6 voltage control
RW
02H
21
BUCK5 voltage control
RW
B2H
22
Reserved
RW
XXH
23
BUCK1 voltage control
RW
B2H
24
BUCK4 voltage control
RW
XXH
25
BUCK3 voltage control
RW
B2H
26
BUCK2 voltage control
RW
B2H
27
BUCK1/2/3/4/5 DVM control
RW
XCH
28
ALDO1 voltage control
RW
17H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com