Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 19 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 19 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 23Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
19
IQ
Quiescent Current
35
μA
PSRR
Power Supply Rejection Ratio
VELDO3=1.2V, f=1kHz
65
dB
FLDO1
VFLDO1
Output Voltage
IFLDO1=1mA
0.7
1.2
1.45
V
IFLDO1
Output Current
300
mA
IQ
Quiescent Current
35
μA
PSRR
Power Supply Rejection Ratio
VFLDO1=1.2V, f=1kHz
65
dB
FLDO2
VFLDO2
Output Voltage
IFLDO2=1mA
0.7
1.2
1.45
V
IFLDO2
Output Current
100
mA
IQ
Quiescent Current
35
μA
PSRR
Power Supply Rejection Ratio
VFLDO2=1.2V, f=1kHz
65
dB
FLDO3
VFLDO3
Output Voltage
IFLDO3=1mA
0.5*VBUCK4(default)
Or
0.5*VFLDOIN
V
IFLDO3
Output Current
30
mA
IQ
Quiescent Current
35
μA
GPADC
VGPIO0LDO
Output Voltage
REG90H[2:0]=011,
IGPIO0LDO=1mA
0.7
3.3
V
IGPIO0LDO
Output Current
REG90H[2:0]=011
100
mA
IQ
Quiescent Current
REG90H[2:0]=011
35
μA
PSRR
Power Supply Rejection Ratio
REG90H[2:0]=011
VGPADC=3V, f=1kHz
65
dB
GPIO1
VGPIO1LDO
Output Voltage
REG92H[2:0]=011,
IGPIO1LDO=1mA
0.7
3.3
V
IGPIO1LDO
Output Current
REG92H[2:0]=011
150
mA
IQ
Quiescent Current
REG92H[2:0]=011
35
μA
PSRR
Power Supply Rejection Ratio
REG92H[2:0]=011
VGPIO1=3V, f=1kHz
65
dB
CHGLED
RCHGLED
Internal Ideal Resistance
Supply Voltage is 0.3V
2
Ω
TWSI
VCC
Input Supply Voltage
1.8
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com