Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 79 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 79 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 82Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 83Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
79
4
Charger end condition setting:
0-when ICHARGE<10% ICHG,Charge is done;
1-when ICHARGE<20% ICHG,Charge is done;
RW
0
3-0
Charge Current setting
200mA-2.8A, 200mA/step, default is 1200mA, 14steps, 1110-1111 reserved.
RW
X
REG 34H: Charger Control 2
Default:45H
Reset: Power on reset
Table 10-38
Bit
Description
R/W
Default
7
Pre-charge Timer length setting 1
00: 40 minutes; 01: 50 minutes;
10: 60 minutes; 11: 70 minutes.
RW
0
6
Pre-charge Timer length setting 0
RW
1
5
Charger output turn off or not when charging is end & the PMIC is on state
0: turn off; 1: do not turn off
RW
0
4
CHGLED Type select when REG 32_[3] is 1
0: Type A; 1: Type B
RW
0
3
reserved
RW
0
2
reserved
RW
1
1
Fast charge maximum time setting 1
00: 6 hours; 01: 8 hours;
10: 10 hours; 11: 12 hours.
RW
0
0
Fast charge maximum time setting 0
RW
1
REG 35H: Charger Control 3
Default:18H
Reset: [7:4] is VBUS negedge reset , others Power on reset
Table 10-39
Bit
Description
R/W
Default
7-4
VBUS current limit select when VBUS Current limited mode is enable
0000-100mA
0001-500mA
0010-900mA
0011-1500mA
0100-2000mA 0101-2500mA 0110-3000mA 0111-3500mA
1xxx-4000mA
RW
0001
3
Charger temperature loop enable
0: disable 1:enable
RW
1
2-0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com