Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 7 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 7 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 5Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
7
2 Feature
--6 Frequency spread Bucks
◆
BUCK1: PFM/PWM, 0.5-1.20V, 10mV/step, 1.22-1.30V, 20mV/step, IMAX=3A, DVM
◆
BUCK2: PFM/PWM, 0.6-1.10V, 10mV/step, 1.12-1.52V, 20mV/step, IMAX=1.8A, DVM
◆
BUCK3: PFM/PWM, 0.6-1.10V, 10mV/step, 1.12-1.52V, 20mV/step, IMAX=2.5A, DVM
◆
BUCK4: PFM/PWM, 0.8-1.12V, 10mV/step, 1.14-1.84V, 20mV/step, IMAX=2.5A, DVM, default set by BUCK4SET
◆
BUCK5: PFM/PWM, 0.5-1.20V, 10mV/step, 1.22-1.30V, 20mV/step, IMAX=6A, DVM, Dual-Phase
◆
BUCK6: PFM/PWM, 1.6-3.4V, 0.1V/step, 19 steps, IMAX=1.5A
◆
BUCK1/5:71+5 steps;BUCK2/3:51+21steps;BUCK4:33+37 steps
◆
DVM(Dynamic Voltage scaling Management) ramp rate: 2.5mV/us at buck frequency 3MHz
--15 LDOs & Switch
◆
RTCLDO: VCC_RTC=3V, IMAX=60mA, always enable
◆
ALDO1: Analog LDO, 0.7-3.3V, 100mV/step, 27 steps, IMAX=500mA, input is ALDOIN
◆
ALDO2: Analog LDO, 0.7-3.3V, 100mV/step, 27 steps, IMAX=300mA, input is ALDOIN
◆
ALDO3: Analog LDO, 0.7-3.3V, 100mV/step, 27 steps, IMAX=200mA, input is ALDOIN
◆
DLDO1: Analog LDO, 0.7-3.3V, 100mV/step, 27 steps; IMAX=500mA, input is DLDOIN
◆
DLDO2: Analog LDO, 0.7-3.4V, 100mV/step; 28 steps; 3.4-4.2V, 200mV/step, 4 steps. IMAX=400mA, input is DLDOIN
◆
DLDO3: Analog LDO, 0.7-3.3V, 100mV/step; 27 steps, IMAX=300mA, input is DLDOIN
◆
DLDO4: Analog LDO, 0.7-3.3V, 100mV/step; 27 steps, IMAX=500mA, input is DLDOIN
◆
ELDO1: Digital LDO, 0.7-1.9V, 50mV/step; 25 steps, IMAX=400mA, input is ELDOIN
◆
ELDO2: Digital LDO, 0.7-1.9V, 50mV/step; 25 steps, IMAX=200mA, input is ELDOIN
◆
ELDO3: Digital LDO, 0.7-1.9V, 50mV/step; 25 steps, IMAX=200mA, input is ELDOIN
◆
FLDO1: Digital LDO, 0.7-1.45V, 50mV/step, 16 steps, IMAX=300mA, input is FLDOIN
◆
FLDO2: Digital LDO, 0.7-1.45V, 50mV/step, 16 steps, IMAX=100mA, input is FLDOIN
◆
FLDO3: Sink and Source LDO, FLDOIN/2, BUCK4/2, IMAX=30mA, input is FLDOIN, for VREFDQ,default on
◆
GPIO0LDO: Analog LDO, 0.7-3.3V, 100mV/step, 27 steps, IMAX=100mA, input is ALDOIN
◆
GPIO1LDO: Analog LDO, 0.7-3.3V, 100mV/step, 27 steps, IMAX=150mA, input is ALDOIN
◆
CHGLED: GND switch for motor or LED, IMAX=100mA
--Two wire serial interface (SCK/SDA) supporting standard and quick slave mode
--Intelligent Power Select (IPS), VBUS-IPSOUT is 80mΩ typically
--Adaptive Li battery PWM charger with current total up to 2.8A
--Battery Fuel Gauge and coulomb counter
--Power output on/off touch key
--Internal Temperature sensor and protection
--Safe and Soft start up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com