Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 104 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 104 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 100Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 101Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 102Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 103Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 104Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 105Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 106Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 107Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 108Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
104
3
Calculation RDC current condition setting
0-≥300mA
1-≥150mA
RW
0
2-0
Calibrate RDC percentage changed threshold setting
000-4%
001-5%
010-6%
011-7%
100-0%
101-1%
110-2%
111-3%
calibration:
△OCVPCT>N
RW
0
REG ECH: Fuel gauge tuning control 4
Default:00H
Reset: Power on reset
Table 10-108
Bit
Description
R/W
Default
7
ADC current data include offset0 or not(For debug)
0-Enable
1-Disable
RW
0
6
ADC current data offset0 smooth control(For debug)
0-Enable
1-Disable
RW
0
5
RDC re-calculate when PMIC power on for power off
0-Disable
1-Enable
RW
0
4-3
The minimum battery voltage for RDC calculation
00-3.5V
01-3.6V
10-3.7V
11-3.4V
RW
00
2-0
Coulomb counter calibration threshold,relative with REG_E6_[3:0]
000-REG_E6H[3:0]+7(default)
001-REG_E6H[3:0]+8
010-REG_E6H[3:0]+9
RW
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com