Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-1838HS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX-1838HS
Description  The separate PIN diode and preamplifier IC are assembled on a single leadframe.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX-1838HS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX-1838HS Datasheet HTML 1Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 2Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 3Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 4Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 5Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
a
aiix
xiin
n o
op
ptto
o--e
elle
ec
cttrriic
ca
all tte
ec
ch
hn
no
ollo
og
gy
y c
co
o..,,llttd
d
AX-1838HS
http://www.photo-link.cn
D
DA
AT
TA
A S
SH
HE
EE
ET
T
●
DEVICE NUMBER:AX-1838HS
SHEET
DATE
1
2
3
4
5
6
CONTENTS
2007-4-19
1.0 1.0 1.0 1.0
1.0 1.0
Initial Released
APPROVED
DRAWER


Similar Part No. - AX-1838HS

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AX-1000 TALEMA-AX-1000 Datasheet
325Kb / 3P
50/60Hz Current Transformers
AX-1500 TALEMA-AX-1500 Datasheet
325Kb / 3P
50/60Hz Current Transformers
More results

Similar Description - AX-1838HS

ManufacturerPart #DatasheetDescription
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
Infrared Preamplifier IC
logo
Quantum Research Group
QTM2000 QUANTUM-QTM2000 Datasheet
207Kb / 6P
The QTM2000 is a module which employs the QT9701B2 IC and its essential operation circuitry in a single 24 pin 0.6 DIP package
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
The ADC34J2x are a high-linearity
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
SM3321A NPC-SM3321A Datasheet
229Kb / 9P
High-sensitivity preamplifier for visible to infrared detection using a single IC
logo
STMicroelectronics
STEVAL-CBL010V1 STMICROELECTRONICS-STEVAL-CBL010V1 Datasheet
113Kb / 4P
Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
April 2014 Rev 1
STEVAL-CBL013V1 STMICROELECTRONICS-STEVAL-CBL013V1 Datasheet
190Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L
28-Jan-2014
logo
PHOENIX CONTACT
2792028 PHOENIX-2792028 Datasheet
130Kb / 5P
Cost-effective series production, since the base element and the assembled PCB are soldered by machine
logo
ON Semiconductor
NSDP301MX2W ONSEMI-NSDP301MX2W Datasheet
137Kb / 4P
PIN Diode Single PIN Diode for Attenuator and RF Switch
June, 2020 ??Rev. P7
NSDP301MX3 ONSEMI-NSDP301MX3 Datasheet
199Kb / 5P
PIN Diode Single PIN Diode for Attenuator and RF Switch
May, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com