Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-1838HS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AX-1838HS
Description  The separate PIN diode and preamplifier IC are assembled on a single leadframe.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX-1838HS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AX-1838HS Datasheet HTML 1Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 2Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 3Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 4Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 5Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
a
aiix
xiin
n o
op
ptto
o--e
elle
ec
cttrriic
ca
all tte
ec
ch
hn
no
ollo
og
gy
y c
co
o..,,llttd
d
AX-1838HS
http://www.photo-link.cn
●Package Dimensions:
NOTES:
1.All dimensions are in millimeters (inches).
2.Tolerance is ¡0. 30mm (0.012¡¡) unless otherwise specified.
3.Specifications are subject to change without notice.
Rev: 1.0Page: 4 of 5
1
2
3
OUT
GND
VCC
6.60
4.50
6.45
4.3
2.54
0.50¡ 0.05
3
2
1
0.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com