Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-1838HS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX-1838HS
Description  The separate PIN diode and preamplifier IC are assembled on a single leadframe.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX-1838HS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX-1838HS Datasheet HTML 1Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 2Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 3Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 4Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 5Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
a
aiix
xiin
n o
op
ptto
o--e
elle
ec
cttrriic
ca
all tte
ec
ch
hn
no
ollo
og
gy
y c
co
o..,,llttd
d
AX-1838HS
http://www.photo-link.cn
INFRARED RECEIVER MODULE
Description
TheAX-1838HS is miniaturized infrared receivers for remote
control and other applications requiring improved ambient light
rejection.
The separate PIN diode and preamplifier IC are assembled on
a single leadframe.
The epoxy package contains a special IR filter.
This module has excellent performance even in disturbed
ambient light applications and provides protection against
uncontrolled output pulses.
Features
? Photo detector and preamplifier in one package .
? Internal filter for PCM frequency.
?
Inner shield,good anti-interference ability.
? High immunity against ambient light.
? Improved shielding against electric field disturbance
? 3.0V or 5.0V supply voltage; low power consumption.
? TTL and CMOS compatibility.
? 8ms data pause time codes are acceptable .
Applications:
1. Optical switch
2. Light detecting protion of remote contol
? AV instruments such as Audio,TV,VCR,CD,MD,DVD,etc.
? Home appliances such as Air-conditioner,Fan,etc.
? CATV set top boxes
? Multi-media Equipment
 Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Notice
Supply Voltage
Vs
2.1-6.5
V
¡
Operating Temperature
Topr
-20~+65
¡
Storage Temperature
Tstg
-40~+85
¡
Soldering Temperature
Tsd
260
4mm from mold body
less than 5 sec
Rev: 1.0 Page: 1of 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com