Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-1838HS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AX-1838HS
Description  The separate PIN diode and preamplifier IC are assembled on a single leadframe.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX-1838HS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AX-1838HS Datasheet HTML 1Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 2Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 3Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 4Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 5Page - List of Unclassifed Manufacturers AX-1838HS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
a
aiix
xiin
n o
op
ptto
o--e
elle
ec
cttrriic
ca
all tte
ec
ch
hn
no
ollo
og
gy
y c
co
o..,,llttd
d
AX-1838HS
http://www.photo-link.cn
Electrical And Optical Curves(Ta=25℃)
0.0
0.7
0.2
0.4
0.6
0.8
1.0
0.8
0.9
1.0
1.1
0
0
1.2
1.3
750
0
0.2
0.6
0.4
0.8
1.0
(%)
1.2
1050
850
950
1150 (nm)
80
-60
0
20
40
-40
-20
0
20
40
60
60
80
100
-30
0.6
0.0
0.4
0.2
0.8
1.0
1.2
1.4
0
30
60
(¡ C)
90
0.6
0.3
(mA)
2.0
1.6
1.8
0.5
0.8
0.7
0.9
1.0
0.2
0.1
0.4
10
0
20
90
60
80
70
50
40
30
Fig.1 Relative Spectral Sensitivity vs.
Wavelength
Fig.5 Relative Transmission Distance vs.
Direction
Relative Transmission Distance
Wavelength
Fig.4 Supply Current vs.
Ambient Temperature
Fig.2 Relative Transmission Distance Vs.
Direction
Fig.3 Frequency Dependence of Responsivity
Relative Frequency
Angle
(deg)
Ambient Temperature
Rev: 1.0 Page: 5 of 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com