Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601HD Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS8601HD
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601HD Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS8601HD Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FS8601Hx
1. General Description
FS8601Hx is a series of lithium-ion and
lithium-polymer rechargeable battery protection
ICs with high accurate voltage detection and
delay circuits.
These Ics are suitable for protection of single
cell lithium-ion or lithium polymer battery packs
from over charge, over discharge and over
current.
2. Features
With built-in N-MOSFET of low turn-on
resistance.
Reduction in Board Size due to Miniature
Package DFN-5.
Protection IC:
Low supply current
Normal Operation : 2.5μA (typ.)
@VDD=3.9V
Power-down mode : 0.05μA (typ.)
@VDD=2.0V
Overcharge detection voltage
﹝
VOCU﹞
4.255V~4.335V,
Accuracy of
±25mV
Overdischarge detection voltage
﹝
VODL﹞
2.223V~2.400V,
Accuracy of
±100mV
Over current detection voltage
﹝
VOI1﹞
0.120V~0.140 V,
Accuracy of
±10mV
Charger over current detection
voltage
-0.09 V(FS8601HA),
-0.10(FS8601HD)
0V-Battery charging function
MOSFET:
Rss(ON) < 48mΩ
(VGS = 3.5V , ID = 1A)
3. Ordering Information
FS8601Hx-D
(DFN-5 Green-Package)
Serial code form A, D
*: Refer to the product name list on next page.
4. Applications
Protection IC for One-Cell Lithium-Ion /
Lithium-Polymer Battery Pack
.
Rev. 1.3
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com