Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601HD Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS8601HD
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601HD Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8601HD Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FS8601Hx
5. Product Name List
Model
Package
Overcharge
detection
voltage
[VOCP] (V)
Overcharge
release
voltage
[VOCR] (V)
Overdischarge
detection
voltage
[VODP] (V)
Overdischarge
release
voltage
[VODR] (V)
Overcurrent
detection
voltage
[VOI1] (V)
0V change
function
Standby
function
release
DFN-5
FS8601Hx FS8601HA
4.310±25mV
4.110±50mV
2.300±77mV
2.300±77mV
0.130±10mV
YES
Connection
of charger
FS8601Hx FS8601HD
4.280±25mV
4.080±50mV
2.300±100mV
2.300±100mV
0.130±10mV
0.65
Connection
of charger
6. Pin Configuration and Package Marking Information
Pin No.
Symbol
Description
1
NC
NC
2
GND
Ground pin
3
BATT-
Connect to negative of charger or load
4
VCC
Power supply, through a resistor (R1)
5
CS
Input pin for current sense, charger detect
6
D12
Tow MOSFET common drain connection pin
X:Serial code form A, D
A:Year.
B:Week Code, A~Z & A ~ Z
001 :Serial number
Rev. 1.3
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com