Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601HD Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS8601HD
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601HD Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS8601HD Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FS8601Hx
9. Absolute Maximum Ratings
(VSS=0V, Ta=25°C unless otherwise specified)
Item
Symbol
Rating
Unit
Input voltage between VCC and GND *
VCC
GND-0.3 to GND+15
V
CS input pin voltage
VCS
VCC -30 to VCC +0.3
V
Operating Temperature Range
TOP
-40 to +85
°C
Storage Temperature Range
TST
-40 to +125
°C
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current3
ID
@TA=25℃
10
A
Pulsed Drain Current1
IDM
60
A
Total Power Dissipation
PD
@TA=25℃
1.4
W
Storage Temperature Range
TSTG
-55 to 150
℃
Operating Junction Temperature Rang
TJ
-55 to 150
℃
Note: FS8601Hx contains a circuit that will protect it from static discharge; but please take special
care that no excessive static electricity or voltage which exceeds the limit of the protection
circuit will be applied to it.
Pulse (μ sec) noise exceeding the above input voltage (VSS+12V) may cause damage to the IC.
Rev. 1.3
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com