Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601HD Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS8601HD
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601HD Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS8601HD Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601HD Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FS8601Hx
7. Functional Block Diagram
8. Typical Application Circuit
Symbol
Purpose
Recommended
Remakes
R1
ESD protection.
For power fluctuation.
100~470Ω
Resistance should be as small as
possible to avoid lowering of the
overcharge
detection
accuracy
caused by VDD pin current. Use
470Ω for better ESD protection.
C1
For power fluctuation.
0.1μF
R2
Protection for reverse
connection of a
charger.
1k~2kΩ
Select a resistance as large as
possible to prevent large current
when a charge is connected in
reverse.
Rev. 1.3
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com