Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2811H Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT2811H
Description  PSR control, eliminates optocoupler and TL431
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2811H Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT2811H Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HT2811H
3/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
ABSOLUTE MAXIMUM RATINGS
Internal power BJT Vcbo
800V
BJT Ic Peak Current:
1.3A
VCC Pin Voltage
8.6V
FB Pin Voltage
7V
Others Pin Voltage
Vcc+0.3V
Operating Temperature (Tj)
0~+140℃
Storage Temperature
-55~+150℃
Lead Temperature
+260℃/10S
Notes:
1.All voltages referred to Ic GND (TA=25℃),
2. Duration not exceed 2 msec.
3.Instant maximum ratings specified will not cause permanent damage
To the product, while long maximum ratings specified applied will do
And may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com