Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2811H Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HT2811H
Description  PSR control, eliminates optocoupler and TL431
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2811H Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HT2811H Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HT2811H
4/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, parameters are
measured by setting GND Potential as zero Potential in room Temp.)
(注 4, 5)(无特别说明情况下,VCC =5.0 V,TA =25℃))
Parameter
Symbol
Conditions
Min
Type
Max
Unit
V
CC UVLO
Star-up Voltage
VCC-
ON
7.5
8.0
8.8
V
Shut down
VCC
OFF
3.0
3.3
3.5
V
Star-up Current
IStar
0.2
1
uA
Operating Current
ICC
Static current
400
500
uA
Max. Operating
Voltage
VCC-
MAX
8.5v
CURRENT SENSE SECTION
Maximum Current
to CS PIN
ICS
3.4
4
5
uA
Current Sense
Threshold Voltage
VCS
510
mV
Leading Edge
Blanking
TLEB
Ic=1mA
500
nS
FEED BACK INPUT SECTION
FB Reference
Voltage
VREF-
FB
2.85
2.9
2.95
V
Input Resistance of
FB Pin
RFB
1.2
1.5
2
MΩ
Feedback
Threshold Voltage
VFB-
MAX
5
V
POWER BJT SECTION
Collector-emitter
Saturation Voltage
VCE
sat
Ic=500mA
Ib=100mA
0.5
V
Collector-Base
Voltage
VCBO
800
V
OVER TEMPERATURE PROTECTION(OTP)
Shutdown
Temperature
TSHDN
135
140
145
℃
Temperature
Hysteresis
THYS
125
130
135
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com