Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2811H Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT2811H
Description  PSR control, eliminates optocoupler and TL431
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2811H Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT2811H Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT2811H
1/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
APPLICATION CIRCUIT
GENERAL DESCRIPTION
HT2811H is high performance primary
sensing regulator (PSR) and monolithic
switch power controller which is designed
for small-power supply equipment with
current mode control. Built-in accurate
CV/CC control circuit, eliminates
optocoupler, TL431 and its related loop
devices. High integration design, a high
performance power BJT and PFM
controller and all kinds of protection
circuits in one chip, to minimize the
peripheral components to save the cost
greatly. HT2811H can be simply designed
a typical flyback switch converter, the
unique driving technology promotes the
characteristics of withstand voltage and
achieves excellent converting efficiency
◆ PSR control, eliminates optocoupler
and TL431;
◆ Accurate CV/CC control
◆ Hysteresis over-temperature protection
(OTP) circuit
◆ Higher efficiency and meet Level 6
efficiency standards
◆ Output voltage protection (OVP/UVP)
◆ < 100 mW no-load consumption
◆ Auto-Restart function
◆ Ultra-low start-up current
◆ Good EMC characteristic allows
thesimple EMC circuit
APPLICATIONS
◆ Intelligent mobile phone/small size tablet
computer
◆ Digital cameras and other small digital
products
◆ Power adapters for network products etc
◆ RCC solutions Replace
VIN
C1
LP NP
VAUX
Naux
RFB1
RFB2
RCS
HV
Driver
CS
FB
GND
NS
VS
Co
VO
IOUT
Vout
±5%
±10%
Iout
OUTput CC/CV VI Characteristic
+
+
FEATURES
◆ Built-in 800V power BJT;


Similar Part No. - HT2811H

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2811 HOLTEK-HT2811 Datasheet
351Kb / 4P
DING DONG FOR DOOR BELL
More results

Similar Description - HT2811H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431-DIE TI-TL431-DIE_15 Datasheet
76Kb / 6P
TL431-DIE Precision Programmable Reference
logo
Maxim Integrated Produc...
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
Eliminates External Components and Reduces
Rev 0; 4/16
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
Eliminates External Components and Reduces
Rev 0; 4/16
logo
SIFIRST TECHNOLOGIES NA...
SF5930S SIFIRST-SF5930S Datasheet
167Kb / 2P
Proprietary NC-Cap/PSR-IITM Control
SFL830 SIFIRST-SFL830 Datasheet
121Kb / 2P
Boost-PFC / PSR CombustIon Control Unit
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
PSR-MS20 / PSR-MS25
logo
Texas Instruments
TL431 TI-TL431_V01 Datasheet
3Mb / 83P
TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
logo
Shenzhen Tuofeng Semico...
TL431 TUOFENG-TL431 Datasheet
3Mb / 15P
TL431 Adjustable Reference Source
Jan,2019 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com