Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2811H Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HT2811H
Description  PSR control, eliminates optocoupler and TL431
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2811H Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

  HT2811H Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2811H Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HT2811H
6/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
The secondary rectifier diode peak current is determinated by the peak current of
primary-side inductance which also affects the output current. The corresponding relation
between the primary peak current and the secondary peak current is as follows
Ipk
Ns
Np
Ipks
Ipk: primary peak current ; NP: primary winding turns; NS: secondary winding turns;
Ipks :secondary peak current
And primary inductance peak current is determinated by Pin 4 to RCS resistance, the
primary inductance peak current and RCS resistance are in inverse proportion, so only
need to adjust CS resistance to achieve different output currents. Output current Iout and
primary current are given by
Toffs
Tons
Tons
Ipks
2
1
Iout
Iout: Output current; Tons: secondary rectifier diode on-time; Toffs: secondary rectifier
diode off-time
OUTPUT CABLE COMPENSATION
HT2811H built-in output cable drop compensation circuit. When it outputs different
loads, the cable drop compensation circuit provides cable drop voltage compensation which
is in fixed proportion with output voltage.
PROTECTIVE FUNCTIONS
In order to guarantee a safe and reliable circuit to all occasions, HT2811H built-in rich
protection circuits, such as OCP ,OVP, FB open-loop protection etc. as intergration. Once
abnormality, it will come into protection mode
TYPICAL APPLICATION CIRCUIT
C1
D1-D4
R2
R3
C3
D5
C2
D6
VCC
GND
CS
FB
HV
R4
U1
HT2811H
R5
R6
C5
D7
R7
VO-
VO+ +
-
T1
100-
240Vac
R1
Typical application of HT2811H for RCC replace(Output:5V/1.0A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com