Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3031V Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT3031V
Description  Chargers AntI-contractIng Protective Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3031V Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT3031V Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HT3031V
Ver1.3
3/11
锂电池保护电路
www.hotchip.com.cn
典型参数
(除非特别指定,
A
T =25℃)
参数
符号
测试条件
最小值
典型值
最大值
单位
检测电压
过充电检测电压
CU
V
--
4.25
4.3
4.35
V
过充电释放电压
CL
V
--
4.05
4.1
4.15
V
过放电检测电压
DL
V
--
2.3
2.4
2.5
V
过放电释放电压
DR
V
--
2.9
3.0
3.1
V
充电器检测电压
CHA
V
--
-0.12
V
检测电流
过放电电流检测 1
1
IOV
I
Vdd=3.5V
3
A
负载短路检测电流
SHORT
I
Vdd=3.5V
12
A
静态电流
正常工作电流
OPE
I
Vdd=3.5V,
VM=0V
2.8
6
uA
待机状态电流
PDN
I
Vdd=2V,VM
floating
0.1 *
uA
开关管导通阻抗
等效导通阻抗
DS
R
Vdd=3.6V,
IVM=1A
55
70
mΩ
过温保护
过温保护
120
℃
过温恢复
100
℃
迟延时间
过充电检测迟延时间
CU
T
VDD=3.6V~4.4V
128
ms
过放电检测迟延时间
DL
T
VDD=3.6V~2.0V
32
ms
过电流 1 检测迟延时间
1
IOV
T
VDD=3.6V
8
ms
负载短路电流检测延迟时间
SHORT
T
VDD=3.6V
32
us
注(*):HT3031A0:过放电后自动解除,待机电流 1.5uA
HT3031A1:过放电后锁存,待机电流 0.1uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com