Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3031V Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT3031V
Description  Chargers AntI-contractIng Protective Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3031V Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT3031V Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3031V Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT3031V
Ver1.3
1/11
锂电池保护电路
www.hotchip.com.cn
典型应用电路图
如图:粗线部分是过大电流线路,必须尽可能的短。为了防止温度升高会导致的导线被烧断,因此粗线部
分必须要有足够大的半径。去偶电容 C1、C2 要离 HT3031 尽可能的近
。
1
2
3
4
5
VT
VM
VDD
VM
GND
0.1uF
100 Ω
Battery
Charger +
Charger -
R1
C1
0.1uF
C2
注:PCB LAYOUT 时 C1、C2 尽量靠近 IC 管脚。
产品概述
HT3031 产品是单节锂离子/锂聚合物可充
电电池组保护的高集成度解决方案。HT3031
包括了先进的功率 MOSFET,高精度的电压检
测电路和延时电路。
HT3031 具有非常小的 SOT23-5 的封
装,这使得该器件非常适合应用于空间限制
得非常小的可充电电池组应用。
HT3031 具有过充,过放,过流,短路等
所有的电池所需要保护功能,并且工作时功耗
非常低。
该芯片不仅仅为手机而设计,也适用于一
切需要锂离子或锂聚合物可充电电池长时间供
电的各种信息产品的应用场合。
主要特点
◆ 充电器反接保护功能;
◆ 内部集成等效 55mΩ(典型值)的功率
MOSFET;
◆
超小封装 SOT23-5;
◆
外围电路简单;
◆
过温保护;
◆
过充电电流保护;
◆
2 段过流保护:1.过放电电流;
2.负载短路电流;
◆
充电器检测;
◆
0V 电池充电功能;
◆ 延迟时间内部设定;
◆ 高精度电压检测;
◆ 低静态电流:正常工作电流: 2.8μA;
待机电流: 0.1uA
◆ 兼容 ROHS 和无铅标准;
典型应用
◆ 单芯锂离子电池组;
◆ 锂聚合物电池组;


Similar Part No. - HT3031V

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HT3030 SCHNEIDER-HT3030 Datasheet
124Kb / 2P
3P 600V 30A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
More results

Similar Description - HT3031V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14 Datasheet
32Kb / 4P
Low Cost 13.56MHz / I²C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
June 2002
logo
ATMEL Corporation
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
1-kbit UHF R/W IDIC with Anti-collision Function
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
21-Jul-2005
logo
Linear Technology
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
Photoflash Capacitor Chargers
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
01-Apr-2010
logo
Linear Technology
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
Photoflash Capacitor Chargers
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Jiaxing Heroic Technolo...
HT6872 HEROIC-HT6872 Datasheet
2Mb / 14P
Anti-Clipping Function, ACF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com