Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3692D Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT3692D
Description  Electric Power Detection, Battery Energy Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3692D Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT3692D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT3692D
2/7
万能充电器控制芯片
www.hotchip.com.cn
Ver1.0
工作模式
电源状态
电池电量状态
L1
L2
L3
L4
L5(PW)
电池检测
断开
BAT<25%
25%≤BAT<50%
50%≤BAT<75%
75%≤BAT<100%
BAT=100%
电池空载
接入
断开
正常充电
接入
BAT<25%
浪涌
浪涌
浪涌
浪涌
25%≤BAT<50%
浪涌
浪涌
浪涌
50%≤BAT<75%
浪涌
浪涌
75%≤BAT<100%
浪涌
BAT=100%
电池短路
接入
短路
表 4.1 HT3692D 工作状态表
注:上表电池电量为概数
引脚定义
引脚名
引脚号
功能说明
BTN
1
电池负极
L4
2
浪涌指示灯L4驱动脚
L3
3
浪涌指示灯L3驱动脚
L2
4
浪涌指示灯L2驱动脚
L1
5
浪涌指示灯L1驱动脚
GND
6
电源负极(地端)
BTP
7
电池正极
VDD
8
电源正极
L3
BTN-
L4
L2
BTP+
VDD
GND
L1
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com