Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3692D Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT3692D
Description  Electric Power Detection, Battery Energy Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3692D Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT3692D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3692D Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT3692D
1/7
万能充电器控制芯片
www.hotchip.com.cn
Ver1.0
产品概述
HT3692D 是一款内置基准电压,带电量检测的万
能充电器控制芯片,具有自动识别电池极性、短路保
护、过温保护功能。
主要特点
带电量检测,电池能量状态显示
自动识别电池极性
内置基准源,空载时稳压输出,无须外围元器件
调整空载电压
短路保护功能
过温保护功能
高度集成,极少的外围器件
典型应用电路图
CS
Drain
+
Ns
COM
P
BAT-
BAT+
D1
1N5819
C1
220uF/16V
R1
1K
LED5
C2
104
C3
104
VDD
5
7
8
3
4
6
LED4
LED3
LED2
LED1
U1
1
2
INV
BTN
L4
L3
L2
L1
GND
BTP
VDD
图 4.1 HT3692D 普通 5 灯应用方案
+
Ns
COM
P
BAT-
BAT+
C1
220uF/16V
R1
1K
LED5
C2
104
C3
104
VDD
5
7
8
3
4
6
LED4
U1
1
2
INV
BTN
L4
L3
L2
L1
GND
BTP
VDD
VDD
L4
L2
L3
L1
PW
D1
1N5819/1N4148
4.2 HT3692D 数码管应用方案


Similar Part No. - HT3692D

ManufacturerPart #DatasheetDescription
logo
HOOYI SEMICONDUCTOR
HT36 HOOYI-HT36 Datasheet
1Mb / 10P
N-Channel Enhancement Mode MOSFET
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
HT360C HANTEK-HT360C Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
logo
Holtek Semiconductor In...
HT36A0 HOLTEK-HT36A0 Datasheet
257Kb / 23P
8-Bit Music Synthesizer MCU
June 18, 2003
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
Music Synthesizer 8-Bit MCU
August 15, 2005
More results

Similar Description - HT3692D

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
logo
Mitsumi Electronics, Co...
MM1210 MITSUMI-MM1210 Datasheet
92Kb / 4P
Remaining Battery Power Display
MM1251 MITSUMI-MM1251 Datasheet
121Kb / 6P
Remaining Battery Power Display
MM1305 MITSUMI-MM1305 Datasheet
68Kb / 3P
Remaining Battery Power Display
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
Single-Phase Power/Energy Meter with Tamper Detection
logo
ams AG
AS1346-49 AMSCO-AS1346-49 Datasheet
657Kb / 16P
Low Battery Detection
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
Energy Harvesting Battery-Free Wireless Power
logo
STMicroelectronics
SPV1050 STMICROELECTRONICS-SPV1050 Datasheet
1Mb / 36P
Ultralow power energy harvester and battery charger
06-Aug-2015
logo
Core Technology (Shenzh...
CSE7759B CHIPSEA-CSE7759B Datasheet
1Mb / 25P
Calibration-free Electric Energy Measuring Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com