Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1621 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1621
Description  LCD driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1621 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1621 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LCD
LCD
LCD
LCD 驱动器
驱动器
驱动器
驱动器
TM1621
TM1621
TM1621
TM1621
1
www.szpth.com
V1.1
概述
概述
概述
概述
TM1621是内存映象和多功能的LCD驱动器,TM1621的软件配置特性使它适用于多种LCD
应用场合,包括LCD模块和显示子系统。用于连接主控制器和TM1621的管脚只有4或5条,
TM1621还有一个节电命令用于降低系统功耗。
功能特性
功能特性
功能特性
功能特性
工作电压2.4~ 5.2V
内嵌256KHz RC 振荡器
可外接32KHz晶片或256KHz频率源输入
可选1/2或1/3偏压和1/2、1/3或1/4的占空比
片内时基频率源
蜂鸣器可选择两种频率
节电命令可用于减少功耗
内嵌时基发生器和看门狗定时器(WDT)
时基或看门狗定时器溢出输出
八个时基/看门狗定时器时钟源
一个32x4的LCD 驱动器
一个内嵌的32x4位显示RAM 内存
四线串行接口
片内LCD驱动频率源
软件配置特征
数据模式和命令模式指令
三种数据访问模式
提供VLCD管脚用于调整LCD操作电压
封装形式:SSOP48、QFP44
结构图
结构图
结构图
结构图


Similar Part No. - TM1621

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1621 TITAN-TM1621 Datasheet
1Mb / 17P
LCD
logo
Shenzhen Putianhe Techn...
TM1621C PTH-TM1621C Datasheet
364Kb / 10P
LCD driver
TM1621D PTH-TM1621D Datasheet
362Kb / 9P
LCD driver
More results

Similar Description - TM1621

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
LCD Driver
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
LCD Driver
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
LCD Driver
Version 1.3
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
LCD Driver
Version 1.2
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
LCD driver
Rev1.0 2015/08/17
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
LCD driver
Rev 1.0 2015/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com