Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1621 Datasheet(PDF) 12 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1621
Description  LCD driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1621 Datasheet(HTML) 12 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1621 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd TM1621 Datasheet HTML 16Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LCD
LCD
LCD
LCD 驱动器
驱动器
驱动器
驱动器
TM1621
TM1621
TM1621
TM1621
12
www.szpth.com
V1.1
XTAL 32K
100
100
100
100000101XXX
C
系统时钟源晶振
RC 256K
100
100
100
100000110XXX
C
系统时钟源片内RC振荡器
Y
EXT 256K
100
100
100
100000111XXX
C
系统时钟源外部时钟源
BIAS1/2
100
100
100
1000010abX0X
C
LCD 1/2偏压选项
ab=00:2 个公共口
ab=01:3 个公共口
ab=10:4 个公共口
BIAS 1/3
100
100
100
1000010abX1X
C
LCD 1/3偏压选项
ab=00:2 个公共口
ab=01:3 个公共口
ab=10:4 个公共口
TONE 4K
100
100
100
100010XXXXXX
C
声音频率4KHz
TONE2K
100
100
100
100011XXXXXX
C
声音频率2KHz
/IRQ DIS
100
100
100
100100X0XXXX
C
使/IRQ 输出失效
Y
/IRQ EN
100
100
100
100100X1XXXX
C
使/IRQ 输出有效
F1
100
100
100
100101XX000X
C
时基/WDT 时钟输出1Hz
F2
100
100
100
100101XX001X
C
时基/WDT 时钟输出2Hz
F4
100
100
100
100101XX010X
C
时基/WDT 时钟输出4Hz
F8
100
100
100
100101XX011X
C
时基/WDT 时钟输出8Hz
F16
100
100
100
100101XX100X
C
时基/WDT 时钟输出16Hz
F32
100
100
100
100101XX101X
C
时基/WDT 时钟输出32Hz
F64
100
100
100
100101XX110X
C
时基/WDT 时钟输出64Hz
F128
100
100
100
100101XX111X
C
时基/WDT 时钟输出128Hz
Y
TOPT
100
100
100
10011100000X
C
测试模式
TNORMAL
111100
00
00
0011100011X
C
普通模式
Y
注: X:0或1; a5~a0: RAM 地址; d3~d0: RAM 数据
D/C 数据/命令模式
所有的粗体数字即110
110
110
110,101
101
101
101和100
100
100
100 为模式命令码。100
100
100
100为命令模式类型码,如果运行连续
的命令,除了第一个命令,其它命令的模式类型码将被忽略。声音频率源和时基/WDT时钟频率
源由片内256KHz RC 振荡器、32.768KHz晶振或外部256KHz时钟产生,频率的计算情况如前文
所述。建议在上电复位后,用主控制器初始化TM1621,因为如果上电复位失败,TM1621将不
能正常工作。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com