Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1801 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1801
Description  Single-way LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1801 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1801 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1801 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1801 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1801 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1801 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
单通道
通道
通道
通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1801
TM1801
TM1801
TM1801
www.szpth.com
- 1 -
一、
、 概述
概述
概述
概述
TM1801 是单通道LED(发光二极管)驱动控制专用电路,内部集成有LED高压驱动
等电路。通过外围与LED发光二极管的连接来实现户外发光二极管的照明控制。本产品
性能优良,连接简单、质量可靠。采用SOT-23或TO-92的封装形式。
二、
、 特性说明
特性说明
特性说明
特性说明
采用高压功率CMOS工艺
输出端口耐压24V
无需任何外围器件
电流恒定10-40mA
支持恒流二极管方式
封装形式:SOT-23
TO-92
三、
、 原理框图
原理框图
原理框图
原理框图:
TM1801
TM1801
TM1801
TM1801原理框图
原理框图
原理框图
原理框图
VDD
OUT
GND


Similar Part No. - TM1801

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
TM1800 MIMIX-TM1800_1 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
logo
Shenzhen Putianhe Techn...
TM1802 PTH-TM1802 Datasheet
260Kb / 6P
Single way LED
TM1803 PTH-TM1803 Datasheet
596Kb / 11P
Three channel LED drive control special circuit
More results

Similar Description - TM1801

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA019 BOT-SSA019 Datasheet
36Kb / 2P
8 WAY 5mm LED ASSEMBLY
SSA-099 BOT-SSA-099 Datasheet
34Kb / 2P
5mm LED ASSEMBLY 3 WAY
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
SA210 BOT-SA210 Datasheet
42Kb / 2P
5mm LED Assembly Single Way to 4 Way
logo
Shenzhen Putianhe Techn...
TM1802 PTH-TM1802 Datasheet
260Kb / 6P
Single way LED
TM1804 PTH-TM1804 Datasheet
580Kb / 11P
Three-way LED
TM1806 PTH-TM1806 Datasheet
261Kb / 6P
6 way led
TM1809 PTH-TM1809 Datasheet
531Kb / 11P
9 Way LED
TM1810 PTH-TM1810 Datasheet
368Kb / 7P
Single Way LED
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com