Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7832GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD7832GS Datasheet HTML 3Page - Leadtrend Technology LD7832GS Datasheet HTML 4Page - Leadtrend Technology LD7832GS Datasheet HTML 5Page - Leadtrend Technology LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology LD7832GS Datasheet HTML 10Page - Leadtrend Technology LD7832GS Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LD7832
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Typical Performance Characteristics
Fig. 1
UVLO (on) vs. Temperature
Temperature (
C)
16.8
17.0
17.2
17.4
17.6
17.8
-40
0
40
80
120 125
Temperature (
C)
Fig. 2
UVLO (off ) vs. Temperature
7.5
7.9
8.1
8.5
7.7
-40
0
40
80
120
125
8.3
Temperature (
C)
Fig. 3
HV Slef Bias vs. Temperature
-40
0
40
80
120 125
13.2
13.4
13.6
13.8
14.0
13.0
Temperature (
C)
Fig. 4
HV Current source(Vcc=1V) vs. Temperature
-40
0
40
80
120 125
0.80
0.85
0.90
0.95
1.00
0.75
Temperature (
C)
Fig. 5
HV Current source(Vcc=14V) vs. Temperature
-40
0
40
80
120 125
2.6
2.8
3.0
3.2
3.0
2.4
Temperature (
C)
Fig. 6
De-latch Vcc Voltage vs. Temperature
-40
0
40
80
120 125
6.6
6.7
6.8
6.9
7.0
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com