Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7832GS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7832GS Datasheet HTML 1Page - Leadtrend Technology LD7832GS Datasheet HTML 2Page - Leadtrend Technology LD7832GS Datasheet HTML 3Page - Leadtrend Technology LD7832GS Datasheet HTML 4Page - Leadtrend Technology LD7832GS Datasheet HTML 5Page - Leadtrend Technology LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD7832
4/12/2013
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
High Power Factor LED Controller with HV Start-up
REV: 00
General Description
The LD7832 is a buck solution with high PFC control for
LED lighting. It features HV start-up, easy to design with
minimum cost and PCB size. The device operates in
transition(TM) mode and integrates with complete safety
requirement protections.
With HV start-up technology, high power factor and TM
control, the system is enabled to achieve high PF and
high efficiency to meet most of the international standard.
The LD7832 also features LED open protection (OVP),
LED short protection (ZCD UVP), over current protection
(OCP), CS short protection (CSSP), open feedback
protection and over temperature protection (OTP). It
makes the circuit designers easily to meet most safety
requirements in either normal or abnormal test.
Features
Built-in 600V HV startup
High power factor controller integrated
High efficiency transition mode operation
Accurate current regulation
Wide range of UVLO (17.5 VON and 8 VOFF)
VCC OVP (VCC over Voltage Protection)
ZCD OVP (Adj. Output Voltage Protection)
(Option: with ZCD OVP disabled, LD7832A)
ZCD UVP (ZCD under voltage protection)
OCP (Cycle by cycle current limit)
CSSP (CS short protection)
Open feedback protection
OTP (Over Temperature Protection)
250/-500mA Driving Capability
Applications
LED Lamp、LED bulb Application
Typical Application
HV
GATE
COMP
VCC
ZCD
Rs
RZCD
GND
EMI
Filter
AC
Input
CS
Option
Fig. 1 Application circuit


Similar Part No. - LD7832GS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7832A LEADTREND-LD7832A Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7832AGN LEADTREND-LD7832AGN Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7832AGR LEADTREND-LD7832AGR Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7832AGS LEADTREND-LD7832AGS Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
More results

Similar Description - LD7832GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7832A LEADTREND-LD7832A Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
High Power Factor Flyback LED Controller with HV Start-up
logo
Excelliance MOS Corp.
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
HV Start-up Green-mode PWM Controller with Brown-Out Protection
EM8672 EXCELLIANCE-EM8672 Datasheet
285Kb / 13P
HV Start-up PWM Controller with Over Temperature Protection
logo
NXP Semiconductors
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com