Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7832GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7832GS Datasheet HTML 5Page - Leadtrend Technology LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology LD7832GS Datasheet HTML 10Page - Leadtrend Technology LD7832GS Datasheet HTML 11Page - Leadtrend Technology LD7832GS Datasheet HTML 12Page - Leadtrend Technology LD7832GS Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LD7832
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Application Information
Operation Overview
LD7832 is an LED controller for lighting application. The
transition mode (TM) technique meets the requirement
of high power factor in high efficiency. It minimizes the
external component counts and the PCB size for
compact application.
LD7832 is also designed to operate in voltage-mode TM
mode. The switch turn-on time is fixed while the turn-off
time varies in steady state. Therefore, the switch
frequency changes in response to the different voltages.
The affected frequency reduces EMI noise. LD7832 also
features LED open protection, LED short protection,
over current protection, CS short protection, open
feedback protection, and over temperature protection.
No extra mains voltage sensing is required as what the
traditional current mode PFC controllers behaves for
power saving.
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
The traditional circuit provides the startup current
through a resistor to power up the PWM controller.
However, it consumes too significant power to meet the
current power saving requirement. In most cases, larger
resistor carries larger resistance; it wastes more time to
startup.
To achieve the optimized topology, as shown in Fig.1,
LD7832 is implemented with a high-voltage startup
circuit on HV pin for it. During startup, a high-voltage
current source sinks current from the output of
full-bridge rectifier to provide the startup current and
charge the VCC capacitor. Once VCC drops below PDR,
the charge current will remain at 1mA to protect the
circuit from being damaged, even in case VCC pin is
shorted to ground. In contrast, the charge current will
increase to 3mA once VCC rises above PDR voltage
threshold during start-up. Meanwhile, the VCC supply
current is as low as 280
A that most of the HV current is
reserved to charge the VCC capacitor. By using such
configuration, the turn-on delay time will be almost same
no matter under low-line or high-line conditions.
As the VCC voltage rises higher than UVLO(on) to
power the LD7832 and further to deliver the gate drive
signal, the high-voltage current source will be disabled
and the supply current is provided from the inductor.
Therefore, it would reduce the power loss on the startup
circuit and perform highly power saving.
An UVLO comparator is embedded to detect the voltage
on the VCC pin to ensure the supply voltage enough to
power on the LD7832 controller and in addition to drive
the power MOSFET.
As shown in Fig. 2, a hysteresis
is provided to prevent the shutdown from the voltage dip
during startup.
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1mA
Startup Current
Vcc current
~ 0mA (off)
Operating Current
(Supply from Inductor)
PDR
3mA
Fig. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com