Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7832GS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7832GS Datasheet HTML 4Page - Leadtrend Technology LD7832GS Datasheet HTML 5Page - Leadtrend Technology LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology LD7832GS Datasheet HTML 10Page - Leadtrend Technology LD7832GS Datasheet HTML 11Page - Leadtrend Technology LD7832GS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LD7832
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Temperature (
C)
Fig. 7
On Time(Comp=2V) vs. Temperature
-40
0
40
80
120 125
5.9
6.2
6.5
6.8
7.1
5.6
Temperature (
C)
Fig. 8 Reference Voltage vs. Temperature
-40
0
40
80
120 125
0.18
0.19
0.20
0.21
0.22
0.17
Temperature (
C)
Fig. 9
VCS (off) vs. Temperature
0.94
0.96
0.98
1.00
1.02
1.04
-40
0
40
80
120
125
Temperature (
C)
Fig. 10
Standby Current vs. Temperature
-40
0
40
80
120
125
0.20
0.22
0.24
0.26
0.28
0.30
Temperature (
C)
Fig. 11
VCC OVP vs. Temperature
27.0
27.2
27.4
27.6
27.8
28.0
-40
0
40
80
120
125
Temperature (
C)
Fig. 12
VCOMP open loop voltage vs. Temperature
-40
0
40
80
120 125
5.2
5.3
5.4
5.5
5.6
5.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com