Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4100 Datasheet(PDF) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4100
Description  Portable USB Fan Solution
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4100 Datasheet(HTML) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4100 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TP4100
便携式 USB 风扇解决方案
Ver1.1
Shenzhen TPOWER Semiconductor
4
电气参数
无特殊说明, VDD=5V,Ta=25℃
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
充电输入电压
4.3
5
5.5
V
VBAT
预设充电电压
4.2V 规格
4.15
4.2
4.25
V
4.35V 规格
4.3
4.35
4.4
V
IBAT
BAT 恒流充电电流
700
800
900
mA
ITRK
BAT 涓流充电电流
80
mA
VTRK
涓流充电阈值电压
VBAT 上升
2.9
V
VTRK_HYS
涓流充电滞回电压
100
mV
TST
温度补偿阈值
120
TZERO
零电流温度
140
VUV_BAT
BAT 启动阈值电压
VBAT 上升
3.2
V
VBAT_END
BAT 放电终止电压
VBAT 下降
2.9
V
ISD_BAT
BAT 待机电流
VBAT=3.7V
50
uA
VFB
FB 反馈电压
ILOAD=0.5A, VBAT=3.7V
1V
V
VOVP
输出过压保护电压
输出电压上升
1.06*VOUT
ILEDx
LED1~LED4 驱动电流
VBAT=3.7V
3
mA
RON_CHRG
充电功率 MOS 导通电
0.4
Ω
RON_BOOST
升压功率 NMOS 导通
电阻
ILOAD=1A,VBAT=3.7V
0.1
m
Ω
FOSC
升压电路工作频率
500
KHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com