Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4100 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4100
Description  Portable USB Fan Solution
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4100 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4100 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4100 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP4100
便携式 USB 风扇解决方案
Ver1.1
Shenzhen TPOWER Semiconductor
1
概述
TP4100 是一款专为便携式 USB 充电风扇设计的单芯片解
决方案,内部集成了充电管理模块、升压管理模块、保护模
块、按键控制以及档位指示模块。
TP4100 固定充电电流为 0.8A,输出电压为 4.5V~12V,3
档位工作模式,支持一档最大或一档最小可选模式。
TP4100 内部集成了恒温充电工作模式、过温保护、过充与
过放保护、输出过压保护、输出短路保护等安全保护功能
以保证芯片和锂离子电池的安全,同时 TP4100 应用电路简
单,只需很少元件便可实现便携式充电风扇完整方案。
特点
 充电电流: 0.8 A
 输出电压:4.5V~12V 可调
 输出电流: 0.7A@9V
 外部灵活设置一档最大或一档最小模式
 充电指示灯
 3 档位状态指示灯
 最大 50uA 待机电流
 支持手电筒
 智能温度控制与过温保护
 集成输出过压保护、短路保护
 集成过充与过放保护
 封装形式:SOP16L
应用
 便携式 USB 风扇
典型应用电路


Similar Part No. - TP4100

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
TP412812-1 DBUNLIMITED-TP412812-1 Datasheet
556Kb / 1P
Released from Engineering
TP412812-2 DBUNLIMITED-TP412812-2 Datasheet
564Kb / 1P
Released from Engineering
More results

Similar Description - TP4100

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
Total Power Solution for Portable Applications
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601 Datasheet
1Mb / 37P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
AAT3603 ANALOGICTECH-AAT3603 Datasheet
2Mb / 35P
Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
Total Power Solution for Portable Applications
AAT3603 SKYWORKS-AAT3603 Datasheet
3Mb / 35P
Total Power Solution for Portable Applications
logo
Shenzhen Huazhimei Semi...
HM5934 HMSEMI-HM5934 Datasheet
430Kb / 6P
Portable USB Fan Solution
HM5934A HMSEMI-HM5934A Datasheet
659Kb / 6P
Portable USB Fan Solution
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com