Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9085AWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9085AWSC
Description  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9085AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
DS9085A-02 March 2019
www.richtek.com
RT9085A
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dropout Voltage vs. Output Current
0
10
20
30
40
50
60
70
80
0
250
500
750
1000
IOUT (mA)
VIN = 1.5V
85
°C
25
°C
−40°C
Time (50
μs/Div)
VOUT Start Up with EN
VOUT
(0.5V/Div)
VEN
(2V/Div)
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 0.5V
VIN = VOUT + 0.3V, VBIAS = 5V,
COUT = 10
μF, IOUT = 1A
Time (50
μs/Div)
Load Transient Response
VOUT
offset 1.2V
(100mV/Div)
IOUT
(0.5A/Div)
VIN = VOUT + 0.3V, VOUT = 1.2V, VBIAS = 3V,
COUT = 10
μF, IOUT = 0.1A to 1A (TR = TF = 1μs)
Output Current Limit Protection
VIN
(500mV/Div)
IOUT
(1A/Div)
VBIAS = 3V, VIN = 1.5V,
VOUT = 1V, COUT = 10
μF
Time (2ms/Div)
VOUT
(500mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com