Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9085AWSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9085AWSC
Description  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
DS9085A-02 March 2019
www.richtek.com
RT9085A
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
EN
BIAS
GND
VOUT
VIN
ADJ
B2
C2
C1
A1
A2
B1
GND Plane
VIN
Plane
VOUT Plane
GND Plane
Enable signal input
VBIAS
source input
R1
R2
CIN
COUT
CBIAS
Add via for thermal consideration and reduce the
loop impedance of ground plane
RB
CIN, COUT should be as near
to the LDO as possible
Figure 5. PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com