Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9085AWSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9085AWSC
Description  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
DS9085A-02 March 2019
www.richtek.com
RT9085A
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
6B WL-CSP 0.8x1.2 Package (BSC)
Min
Max
Min
Max
A
0.500
0.600
0.020
0.024
A1
0.170
0.230
0.007
0.009
b
0.240
0.300
0.009
0.012
D
1.160
1.240
0.046
0.049
D1
E
0.760
0.840
0.030
0.033
E1
e
0.400
0.016
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.800
0.031
0.400
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com