Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9085AWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9085AWSC
Description  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9085AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
DS9085A-02 March 2019
www.richtek.com
RT9085A
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1
VOUT
Regulator output pin. A 10
F capacitor should be placed directly at this pin.
A2
VIN
Regulator input pin. A 4.7
F capacitor should be placed directly at this pin.
B1
ADJ (ADJ devices)
Adjustable output voltage feedback input pin.
SNS (Fix Vlot devices) Output voltage sensing input, connect to the output terminal on the PCB.
B2
EN
Chip enable pin. Pulling this pin below 0.54V turns the regulator off,
reducing the quiescent current to a fraction of its operating value. This pin
must not be left unconnected, connect to BIAS if not being used.
C1
GND
Ground pin. This pin must be connected to ground.
C2
BIAS
Supply VBIAS ripple should be less than 30mV (5mV/s) to secure safe
stabilization of internal control circuitry. Apply RC filter consists of (500 to
1k)
 + 1F at the pin input.
Ordering Information
Product No.
Nominal Output
Voltage
Package
RT9085A-07WSC
0.70V
WL-CSP-6B 0.8x1.2 (BSC)
RT9085A-0GWSC
0.75V
RT9085A-08WSC
0.80V
RT9085A-0HWSC
0.85V
RT9085A-09WSC
0.90V
RT9085A-0JWSC
0.95V
RT9085A-10WSC
1.00V
RT9085A-1KWSC
1.05V
RT9085A-11WSC
1.10V
RT9085A-1AWSC
1.15V
RT9085A-12WSC
1.20V
RT9085A-1BWSC
1.25V
RT9085A-13WSC
1.30V
RT9085A-15WSC
1.50V
RT9085A-18WSC
1.80V
RT9085AWSC
Adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com