Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331TP Datasheet(PDF) 1 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 1 Page - 3PEAK INC.

  LMV331TP Datasheet HTML 1Page - 3PEAK INC. LMV331TP Datasheet HTML 2Page - 3PEAK INC. LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
www.3peakic.com.cn
REV1.4
Features
Down to 1.8V Supply Voltage: 1.8V to 5.5V
Low Supply Current: 40 μA per Channel Typ
High-to-Low Propagation Delay: 120 ns Typ
Internal Hysteresis Ensures Clean Switching
Offset Voltage: ± 3.5 mV Maximum
Input Bias Current: 6 pA Typical
Input Common-Mode Range Extends 200 mV
No Phase Reversal for Overdriven Inputs
Open-Drain Output for Maximum Flexibility
Green, Space-Saving SC70 Package Available
Applications
Peak and Zero-crossing Detectors
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Logic Level Shifting or Translation
Window Comparators
IR Receivers
Clock and Data Signal Restoration
Telecom, Portable Communications
Portable and Battery Powered Systems
Description
The 3PEAK INCORPORATED LMV331-393 are the
most cost-effective solutions for applications where
low-voltage operation, low power, space saving, and
price are the primary specifications in circuit design
for portable consumer products. The LMV331TP is
the single-comparator, the LMV393TP is the dual,
and both are open-drain output comparators for
maximum flexibility.
The chips incorporate 3PEAK’s proprietary and
patented design techniques to achieve the ultimate
combination of high-speed (120ns high-to-low
propagation delay) and low power consuming (40μA
quiescent
current
per
comparator).
These
comparators are optimized for low power 1.8V,
single-supply
applications
with
greater
than
rail-to-rail input operation, and also operate with
±0.9V to ±2.75V dual supplies. The input common-
mode voltage range extends 200mV below ground
and 200mV above supply, allowing both ground and
supply sensing. The internal input hysteresis
eliminates output switching due to internal input
noise voltage, reducing current draw.
The LMV331 single comparator is available in tiny
SC70 package for space-conservative designs. All
chips are specified for the temperature range of
–40°C to +85°C.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property
of their respective owners.
Pin Configuration (Top View)
LMV331TP
5-Pin SOT23/SC70
(-T and -C Suffixes)
4
5
3
2
1
+In
V-
-In
Out
V+
8
6
5
7
3
2
1
4
Out A
V-
+
In A
-
In A
V+
+
In B
-
In B
Out B
A
B
LMV393TP
8-Pin SOIC/MSOP/TSSOP/DIP
(-S, -V, -T and -D Suffixes)
LMV331TPU
5-Pin SOT23
(-T Suffix)
4
5
3
2
1
-In
V-
+In
Out
V+
Related Products
Fast 30ns, Low Power, Internal Hysteresis,
±3mV Maximum VOS, – 0.2V to VDD + 0.2V RRI,
Push-Pull (CMOS/TTL) Output Comparators
TP1951/TP1951N
/TP1952/TP1954
Fast 30ns, Low Power, Internal Hysteresis,
±3mV Maximum VOS, – 0.2V to VDD + 0.2V RRI,
Open-Drain Output Comparators
TP1955/TP1955N
/TP1956/TP1958
950ns, 3µA, 1.8V, ±2.5mV VOS-MAX, Internal
Hysteresis, RRI, Push-Pull Output Comparators
TP1931
/TP1932/TP1934
950ns, 3µA, 1.8V, ±2.5mV VOS-MAX, Internal
Hysteresis, RRI, Open-Drain Comparators
TP1935
/TP1936/TP1938
Ultra-low 200nA, 13µs, 1.6V, ±2mV VOS-MAX,
Internal Hysteresis, RRI, Push-Pull (CMOS/TTL)
Output Comparators
TP2011
/TP2012/TP2014
Ultra-low 200nA, 13µs, 1.6V, ±2mV VOS-MAX,
Internal Hysteresis, RRI, Open-Drain Output
Comparators
TP2015
/TP2016/TP2018
DEVICE
DESCRIPTION


Similar Part No. - LMV331TP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
LMV331TP TECHPUBLIC-LMV331TP Datasheet
3Mb / 6P
General-Purpose Low-Voltage Open-Drain Output Comparator
More results

Similar Description - LMV331TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
Open-Drain Output Sub-Microamp Comparators
2006
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
1.8V Low-Power Open-Drain Output Comparator
2011
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
1.8V Low-Power Open-Drain Output Comparator
2009-2013
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
Open-Drain Output Sub-Microamp Comparators
11/29/11
logo
Texas Instruments
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
3PEAK INC.
TP1941 3PEAK-TP1941 Datasheet
1Mb / 23P
68ns, 1.8V, Ultra-low Power, RRI, Push-Pull Output Comparators
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
1.8V Micropower, RRIO, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com