Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331TP Datasheet(PDF) 3 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 3 Page - 3PEAK INC.

  LMV331TP Datasheet HTML 1Page - 3PEAK INC. LMV331TP Datasheet HTML 2Page - 3PEAK INC. LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
www.3peakic.com.cn
REV1.4
Electrical Characteristics
The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 27°C.
VDD = +1.8V to +5.5V, VIN+ = VDD, VIN- = 1.2V, RPU=10kΩ, CL =15pF.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
● 1.8
5.5
V
VOS
Input Offset Voltage Note 1
VCM = 1.2V
-3.5
±0.6
+3.5
mV
VOS TC
Input Offset Voltage Drift Note 1
VCM = 1.2V
0.5
μV/°C
VHYST
Input Hysteresis Voltage Note 1
VCM = 1.2V
3
6
9
mV
VHYST TC
Input Hysteresis Voltage Drift Note
1
VCM = 1.2V
20
μV/°C
IB
Input Bias Current
VCM = 1.2V
6
pA
IOS
Input Offset Current
4
pA
RIN
Input Resistance
> 100
GΩ
CIN
Input Capacitance
Differential
Common Mode
2
4
pF
CMRR
Common Mode Rejection Ratio
VCM = VSS to VDD
70
dB
VCM
Common-mode Input Voltage
Range
●
V– - 0.1
V+ + 0.1
V
PSRR
Power Supply Rejection Ratio
75
dB
VOL
Low-Level Output Voltage
IOUT=1mA
V– + 0.3
V
ISC
Output Short-Circuit Current
Sink or source current
25
mA
IQ
Quiescent Current per Comparator
40
70
μA
tR
Rising Time
5
ns
tF
Falling Time
5
Ns
tPD-
Propagation Delay (High-to-Low)
Input Overdrive=100mV, VIN- =2.5V
120
Ns
tPD+
Propagation Delay (Low-to-High)
RPU=5.1kΩ,
Input
Overdrive=100mV, VIN- =2.5V
250
ns
Note 1: The input offset voltage is the average of the input-referred trip points. The input hysteresis is the difference between the input-referred
trip points.
Note 2: Propagation Delay Skew is defined as: tPD-SKEW = tPD+ - tPD-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com