Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331TP Datasheet(PDF) 4 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 4 Page - 3PEAK INC.

  LMV331TP Datasheet HTML 1Page - 3PEAK INC. LMV331TP Datasheet HTML 2Page - 3PEAK INC. LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
REV1.4
www.3peakic.com.cn
Pin Functions
–IN: Inverting Input of the Comparator. Voltage
range of this pin can go from V– – 0.3V to V+ + 0.3V.
+IN: Non-Inverting Input of Comparator. This pin has
the same voltage range as –IN.
NC: No Connection.
V+ (VDD): Positive Power Supply. Typically the
voltage is from 1.8V to 5.5V. Split supplies are
possible as long as the voltage between V+ and V–
is between 1.8V and 5.5V. A bypass capacitor of
0.1μF as close to the part as possible should be used
between power supply pins or between supply pins
and ground.
V– (VSS): Negative Power Supply. It is normally tied to
ground. It can also be tied to a voltage other than
ground as long as the voltage between V+ and V– is
from 1.8V to 5.5V. If it is not connected to ground,
bypass it with a capacitor of 0.1μF as close to the
part as possible.
OUT: Comparator Output. The voltage range
extends to within millivolts of each supply rail.
Operation
The LMV331-393 single-supply comparators feature
internal hysteresis, high speed, and low power. Input
signal range extends beyond the negative and
positive power supplies. The output can even extend
all the way to the negative supply. The input stage is
active over different ranges of common mode input
voltage.
Rail-to-rail
input
voltage
range
and
low-voltage single-supply operation make these
devices ideal for portable equipment.
Applications Information
Inputs
The LMV331-393 comparators use CMOS transistors at the input which prevent phase inversion when the input
pins exceed the supply voltages. Figure 1 shows an input voltage exceeding both supplies with no resulting phase
inversion.
-2
0
2
4
6
Time (100μs/div)
VDD=5V
Input Voltage
Output Voltage
Figure 1. Comparator Response to Input Voltage
The electrostatic discharge (ESD) protection input structure of two back-to-back diodes and 1kΩ series resistors
are used to limit the differential input voltage applied to the precision input of the comparator by clamping input
voltages that exceed supply voltages, as shown in Figure 2. Large differential voltages exceeding the supply
voltage should be avoided to prevent damage to the input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com