Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331TP Datasheet(PDF) 2 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 2 Page - 3PEAK INC.

  LMV331TP Datasheet HTML 1Page - 3PEAK INC. LMV331TP Datasheet HTML 2Page - 3PEAK INC. LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
REV1.4
www.3peakic.com.cn
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
LMV331TP
LMV331TP-TR
5-Pin SOT23
Tape and Reel, 3000
CA4YW (1)
LMV331TP-CR
5-Pin SC70
Tape and Reel, 3000
CB4YW (1)
LMV331TPU
LMV331TPU-TR
5-Pin SOT23
Tape and Reel, 3000
CI4YW (1)
LMV393TP
LMV393TP-SR
8-Pin SOIC
Tape and Reel, 4000
C46S
LMV393TP-VR
8-Pin MSOP
Tape and Reel, 3000
C46V
LMV393TP-TR
8-Pin TSSOP
Tape and Reel, 3000
C46T
LMV393TP-DR
8-Pin DIP
Tape and Reel, 3000
C46D
Note (1): ‘YW’ is date coding scheme. 'Y' stands for calendar year, and 'W' stands for single workweek coding scheme.
Absolute Maximum Ratings Note1
Supply Voltage: V+ – V–....................................6.0V
Input Voltage............................. V– – 0.3 to V+ + 0.3
Input Current: +IN, –IN, Note 2..........................±10mA
Output Current: OUT.................................... ±45mA
Output Short-Circuit Duration Note 3…......... Indefinite
Operating Temperature Range.........–40°C to 85°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range.......... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any
Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power
supply, the input current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power supply voltage
and how many amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the package. The specified
values are for short traces connected to the leads.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
ANSI/ESDA/JEDEC JS-001
2
kV
CDM
Charged Device Model ESD
ANSI/ESDA/JEDEC JS-002
1
kV
Thermal Information
Package
RΘJA
RΘJC(Top)
Unit
8-Pin SOP
112.4
64.1
°C/W
8-Pin MSOP
127.3
50.8
°C/W
8-Pin TSSOP
152.5
51.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com