Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7201C Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7201C
Description  1A LED driver with internal switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7201C Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7201C Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7201C
1A LED driver with internal switch
Email: sales@maxictech.com
www.maxictech.com
Rev. 3.75
Tel: 86-10-62662828
Copy right © 2014 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT7201C is a continuous mode inductive
step-down converter, designed for driving
single or multiple series connected LEDs
efficiently from a voltage source higher than
the LED voltage. The device operates from an
input supply between 6V~40V and provides an
externally adjustable output current of up to
1A.
The MT7201C includes the output switch and
a high-side output current sensing circuit,
which uses an external resistor to set the
nominal average output current.
Output current can be adjusted below the set
value, by applying an external control signal to
the 'ADJ' pin.
The ADJ pin will accept either a DC voltage or
a PWM waveform. Depending upon the control
frequency, this will provide either a continuous
or a gated output current. The PWM filter
components are contained within the chip.
The PWM filter provides a soft-start feature by
controlling the rise of input/output current. The
soft-start time can be increased using an
external capacitor from the ADJ pin to ground.
Applying a voltage of 0.2V or lower to the ADJ
pin turns the output off and switches the
device into a low current standby state.
The device is assembled in a SOT89-5 pin
package.
FEATURES
Simple low parts count
1A output current
Single pin on/off and brightness control
using DC voltage or PWM
Internal PWM filter
Unique frequency Jitter technique to
reduce EMI
High efficiency (up to 97%)
Wide input voltage range: 6V to 40V
Output shutdown
Up to 1MHz switching frequency
Inherent open-circuit LED protection
Typical 2% output current accuracy
APPLICATION
Low voltage halogen replacement LEDs
Automotive lighting
Low voltage industrial lighting
LED back-up lighting
Illuminated signs
Stage lights
APPLICATION CIRCUIT


Similar Part No. - MT7201C

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7200 MAXIC-MT7200 Datasheet
59Kb / 1P
Step-down High Brightness LED controller
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
logo
Marktech Corporate
MT7203-UR MARKTECH-MT7203-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7203-UR-A MARKTECH-MT7203-UR-A Datasheet
135Kb / 6P
3.0mm ROUND LED LAMP
logo
Aeroflex Circuit Techno...
MT72038 AEROFLEX-MT72038 Datasheet
112Kb / 4P
FOUR CHANNEL ARINC 429 LINE RECEIVER
More results

Similar Description - MT7201C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com