Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6789 Datasheet(PDF) 44 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 44 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 40Page - OKI electronic componets MSM6789 Datasheet HTML 41Page - OKI electronic componets MSM6789 Datasheet HTML 42Page - OKI electronic componets MSM6789 Datasheet HTML 43Page - OKI electronic componets MSM6789 Datasheet HTML 44Page - OKI electronic componets MSM6789 Datasheet HTML 45Page - OKI electronic componets MSM6789 Datasheet HTML 46Page - OKI electronic componets MSM6789 Datasheet HTML 47Page - OKI electronic componets MSM6789 Datasheet HTML 48Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
Parameter
Symbol
Condition
DA output relative error
ΩVDAEΩ
No load
FIN admissible input voltage range
VFIN
—
Min.
—
1
Typ.
—
—
Unit
mV
V
Max.
20
VDD–1
FIN input impedance
RFIN
1—
M
W
—
OP-amp open loop gain
GOP
40
—
dB
—-
OP-amp input impedance
RINA
1—
M
W
—
OP-amp load resistance
ROUTA
400
—
k
W
—
AOUT load resistance
RAOUT
100
—
k
W
—
FOUT load resistance
RFOUT
100
—
k
W
—
—
fIN=0 to 4 kHz
—
—
—
—
DVDD=AVDD=3.0 to 3.6 V
DGND=AGND=0 V Ta=0 to 70°C
Analog Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com